PART |
Description |
Maker |
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
BC556A/E7 BC556A/E6 BC556C/E6 BC556C/E7 BC557C/E7 |
TRANSISTOR | BJT | PNP | 65V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|2
|
Infineon Technologies AG NXP Semiconductors N.V.
|
2SA608KNP 2SA608KNPG 2SA608KNPD 2SA608KNPE 2SA608K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Alliance Semiconductor, Corp.
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
NCP1400ASN22T1 NCP1400ASN22T1G NCP1400ASN50T1 NCP1 |
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator 0.4 A SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 100mA / Fixed Frequency PWM Step-Up Micropower Switching Regulator 100mA Fixed Frequency PWM Step-Up Micropower Switching Regulator
|
ONSEMI[ON Semiconductor]
|
NE85618 NE85619 |
TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-343R TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-23VAR From old datasheet system
|
NEC Electron Devices
|
LND2931-5.0 LND2931 LND2931-10 LND2931-12 LND2931- |
100mA, 3.0V to 24V, low dropout voltage regulator. 100mA Low Dropout Voltage Regulator
|
LinearDimensions Linear Dimensions Semiconductor
|
AMS2931 AMS2931AM-X AMS2931AN-X AMS2931AS-X AMS293 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA的低压差稳压 5.0V 100mA low dropout voltage regulator
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
SB01-05C |
50V, 100mA Rectifier
|
Sanyo Semicon Device
|
SB01-15C |
150V, 100mA Rectifier
|
Sanyo Semicon Device
|
|